|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CYD04S72V CYD09S72V CYD18S72V FLEx72TM 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM Features * True dual-ported memory cells that allow simultaneous access of the same memory location * Synchronous pipelined operation * Family of 4-Mbit, 9-Mbit, and 18-Mbit devices * Pipelined output mode allows fast operation * 0.18-micron CMOS for optimum speed and power * High-speed clock to data access * 3.3V low power -- Active as low as 225 mA (typ) -- Standby as low as 55 mA (typ) * Mailbox function for message passing * Global master reset * Separate byte enables on both ports * Commercial and industrial temperature ranges * IEEE 1149.1-compatible JTAG boundary scan * 484-ball FBGA (1-mm pitch) * Pb-Free packaging available * Counter wrap around control -- Internal mask register controls counter wrap-around -- Counter-interrupt flags to indicate wrap-around -- Memory block retransmit operation * Counter readback on address lines * Mask register readback on address lines * Dual Chip Enables on both ports for easy depth expansion * Seamless Migration to Next Generation Dual-Port Family Functional Description The FLEx72 family includes 4-Mbit, 9-Mbit and 18-Mbit pipelined, synchronous, true dual-port static RAMs that are high-speed, low-power 3.3V CMOS. Two ports are provided, permitting independent, simultaneous access to any location in memory. The result of writing to the same location by more than one port at the same time is undefined. Registers on control, address, and data lines allow for minimal set-up and hold time. During a Read operation, data is registered for decreased cycle time. Each port contains a burst counter on the input address register. After externally loading the counter with the initial address, the counter will increment the address internally (more details to follow). The internal write pulse width is independent of the duration of the R/W input signal. The internal write pulse is self-timed to allow the shortest possible cycle times. A HIGH on CE0 or LOW on CE1 for one clock cycle will power down the internal circuitry to reduce the static power consumption. One cycle with chip enables asserted is required to reactivate the outputs. Additional features include: readback of burst-counter internal address value on address lines, counter-mask registers to control the counter wrap-around, counter interrupt (CNTINT) flags, readback of mask register value on address lines, retransmit functionality, interrupt flags for message passing, JTAG for boundary scan, and asynchronous Master Reset (MRST). The CYD18S72V device have limited features. Please see "Address Counter and Mask Register Operations[17]" on page 6" for details. Seamless Migration to Next-Generation Dual-Port Family Cypress offers a migration path for all devices to the next-generation devices in the Dual-Port family with a compatible footprint. Please contact Cypress Sales for more details. Table 1. Product Selection Guide Density Part Number Max. Speed (MHz) Max. Access Time--Clock to Data (ns) Typical operating current (mA) Package 4-Mbit (64K x 72) CYD04S72V 167 4.0 225 484-ball FBGA 23 mm x 23 mm 9-Mbit (128K x 72) CYD09S72V 167 4.0 270 484-ball FBGA 23 mm x 23 mm 18-Mbit (256K x 72) CYD18S72V 133 5.0 410 484-ball FBGA 23 mm x 23 mm Cypress Semiconductor Corporation Document #: 38-06069 Rev. *I * 198 Champion Court * San Jose, CA 95134-1709 * 408-943-2600 Revised May 2, 2006 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Logic Block Diagram[1] FTSELL PORTST[1:0]L CONFIG Block CONFIG Block PORTST[1:0]R FTSELR DQ[71:0]L BE [7:0]L CE0L CE1L OEL R/WL IO Control IO Control DQ [71:0]R BE [7:0]R CE0R CE1R OER R/WR Dual-Ported Array BUSYL A [17:0]L CNT/MSKL ADSL CNTENL CNTRSTL RETL CNTINTL CL WRPL Arbitration Logic BUSYR A [17:0]R CNT/MSKR ADSR CNTENR CNTRSTR RETR CNTINTR CR WRPR Address & Counter Logic Address & Counter Logic Mailboxes INTL INTR JTAG TRST TMS TDI TDO TCK READYL LowSPDL RESET LOGIC MRST READYR LowSPDR Note: 1. CYD04S72V have 16 address bits, CYD09S72V have 17 address bits and CYD18S72V have 18 bits. Document #: 38-06069 Rev. *I Page 2 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Pin Configuration 484-ball BGA Top View CYD04S72V/CYD09S72V/CYD18S72V 1 A NC 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 NC DQ61L DQ59L DQ57L DQ54L DQ51L DQ48L DQ45L DQ42L DQ39L DQ36L DQ36R DQ39R DQ42R DQ45R DQ48R DQ51R DQ54R DQ57R DQ59R DQ61R B C D E F G H J K L M N P R T U V W Y AA AB DQ63L DQ62L DQ60L DQ58L DQ55L DQ52L DQ49L DQ46L DQ43L DQ40L DQ37L DQ37R DQ40R DQ43R DQ46R DQ49R DQ52R DQ55R DQ58R DQ60R DQ62R DQ63R DQ65L DQ64L DQ67L DQ66L VSS VSS VSS VSS DQ56L DQ53L DQ50L DQ47L DQ44L DQ41L DQ38L DQ38R DQ41R DQ44R DQ47R DQ50R DQ53R DQ56R VSS NC [2, 5] NC [2, 5] VSS LOWSP PORTS NC [2, 5] BUSYL CNTINT PORTS [2, 5] DL[2,4] TD0L L TD1L [2,4] [10] [2, 4] VSS VSS VSS VSS DQ64R DQ65R DQ66R DQ67R NC NC [2, 5] NC [2, 5] VSS DQ69L DQ68L VDDIO L VSS VSS VDDIO VDDIO VDDIO VDDIOL VDDIOL VTTL L L L VTTL VTTL VDDIO VDDIO VDDIO VDDIO R R R R NC VSS VDDIO DQ68R DQ69R R DQ71L DQ70L CE1L[8] CE0L [9] VDDIO VDDIO VDDIO VDDIO VDDIOL VCORE VCORE VCORE VCORE VDDIO VDDIO VDDIO VDDIO VDDIO CE0R CE1R[8] DQ70R DQ71R [9] L L L L R R R R R A0L A2L A4L A6L A8L A10L A12L A14L A16L [6] A1L A3L A5L A7L A9L A11L RETL[2, BE4L VDDIO VDDIO VREFL 3] [2, 4] L L WRPL[2 BE5L VDDIO VDDIO ,3] L L READY BE6L VDDIO VDDIO L [2, 5] L L NC[2,5] BE7L CL VSS OEL BE3L VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VREFR VDDIO VDDIO BE4R RETR[2, A1R [2, 4] 3] R R VSS VSS VDDIO VDDIO BE5R WRPR[ 2,3] R R VDDIO VDDIO BE6R READY R R R [2, 5] A3R A5R A7R A9R A11R A13R A0R A2R A4R A6R A8R A10R A12R A14R A16R [6] VTTL VCORE VSS VTTL VCORE VSS VTTL VCORE VSS VSS VCORE VDDIO BE7R NC[2,5] R VSS VCORE VTTL VSS VCORE VTTL VSS VCORE VTTL VSS VSS OER BE3R CR VSS A13L ADSL [9] BE2L VDDIO VCORE VSS L A15L CNT/M BE1L VDDIO VDDIO SKL[8] L L A17L CNTEN BE0L VDDIO VDDIO [7] L L L [9] BE2R ADSR [9] VSS VSS VDDIO VDDIO BE1R CNT/M A15R R R SKR[8] VDDIO VDDIO BE0R CNTEN A17R [7] R R R [9] A18L [2,5] NC CNTRS INTL TL [8] VDDIO VDDIO VREFL [2, 4] L L VSS VSS VSS VSS VSS VSS VSS VSS VREFR VDDIO VDDIO INTR CNTRS [2, 4] R R TR[8] REVR[2, 4] NC A18R [2,5] DQ35L DQ34L R/WL REVL VDDIO VDDIO VDDIO VDDIO VDDIOL VCORE VCORE VCORE VCORE VDDIO VDDIO VDDIO VDDIO VDDIO [2,4] L L L L R R R R R NC VDDIO VDDIO VDDIO VDDIOL VTTL L L VTTL R/WR DQ34R DQ35R DQ33L DQ32L FTSELL VDDIO [2,3] L DQ31L DQ30L VSS MRST VTTL VDDIO VDDIO VDDIO VDDIO VDDIO TRST[2, VDDIO FTSEL DQ32R DQ33R 5] R R R R R R R [2,3] TDI TDO DQ30R DQ31R VSS NC [2, 5] NC [2, 5] REVL[2, PORTS CNTINT BUSYR NC [2, 5] PORTS LOWSP VSS NC [2, 5] NC [2, 5] VSS 4] [2, 5] TD1R R TD0R DR[2,4] [2, 4] [10] [2,4] DQ29L DQ28L VSS VSS DQ20L DQ17L DQ14L DQ11L DQ8L DQ5L DQ4L DQ3L DQ2L DQ1L DQ0L DQ2R DQ5R DQ1R DQ4R DQ0R DQ3R DQ8R DQ11R DQ14R DQ17R DQ20R TMS TCK DQ28R DQ29R DQ27L DQ26L DQ24L DQ22L DQ19L DQ16L DQ13L DQ10L DQ7L NC DQ25L DQ23L DQ21L DQ18L DQ15L DQ12L DQ9L DQ6L DQ7R DQ10R DQ13R DQ16R DQ19R DQ22R DQ24R DQ26R DQ27R DQ6R DQ9R DQ12R DQ15R DQ18R DQ21R DQ23R DQ25R NC Notes: 2. This ball will represent a next generation Dual-Port feature. For more information about this feature, contact Cypress Sales. 3. Connect this ball to VDDIO. For more information about this next generation Dual-Port feature contact Cypress Sales. 4. Connect this ball to VSS. For more information about this next generation Dual-Port feature, contact Cypress Sales. 5. Leave this ball unconnected. For more information about this feature, contact Cypress Sales. 6. Leave this ball unconnected for a 64K x 72 configuration. 7. Leave this ball unconnected for 128K x 72 and 64K x72 configurations. 8. These balls are not applicable for CYD18S72V device. They need to be tied to VDDIO. 9. These balls are not applicable for CYD18S72V device. They need to be tied to VSS. 10. These balls are not applicable for CYD18S72V device. They need to be no connected. Document #: 38-06069 Rev. *I Page 3 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Pin Definitions Left Port A0L-A17L BE0L-BE7L BUSYL[2,5] CL CE0L[9] CE1L[8] DQ0L-DQ71L OEL INTL Right Port A0R-A17R BE0R-BE7R BUSYR[2,5] CR CE0R[9] CE1R[8] DQ0R-DQ71R OER INTR Address Inputs. Byte Enable Inputs. Asserting these signals enables Read and Write operations to the corresponding bytes of the memory array. Port Busy Output. When the collision is detected, a BUSY is asserted. Input Clock Signal. Active Low Chip Enable Input. Active High Chip Enable Input. Data Bus Input/Output. Output Enable Input. This asynchronous signal must be asserted LOW to enable the DQ data pins during Read operations. Mailbox Interrupt Flag Output. The mailbox permits communications between ports. The upper two memory locations can be used for message passing. INTL is asserted LOW when the right port writes to the mailbox location of the left port, and vice versa. An interrupt to a port is deasserted HIGH when it reads the contents of its mailbox. Port Low Speed Select Input. When operating at less than 100 MHz, the LowSPD disables the port DLL. Description LowSPDL[2,4] PORTSTD[1:0]L[2,4] R/WL READYL[2,5] CNT/MSKL[8] ADSL[9] CNTENL[9] CNTRSTL[8] CNTINTL[10] WRPL[2,3] RETL[2,3] FTSELL[2,3] VREFL[2,4] VDDIOL REV[2,4]L MRST LowSPDR[2,4] PORTSTD[1:0]R[2,4] Port Address/Control/Data I/O Standard Select Input. R/WR READYR[2,5] CNT/MSKR[8] ADSR[9] CNTENR[9] CNTRSTR[8] CNTINTR[10] WRPR[2,3] RETR[2,3] FTSELR[2,3] VREFR[2,4] VDDIOR REV[2,4]R Read/Write Enable Input. Assert this pin LOW to write to, or HIGH to Read from the dual-port memory array. Port Ready Output. This signal will be asserted when a port is ready for normal operation. Port Counter/Mask Select Input. Counter control input. Port Counter Address Load Strobe Input. Counter control input. Port Counter Enable Input. Counter control input. Port Counter Reset Input. Counter control input. Port Counter Interrupt Output. This pin is asserted LOW when the unmasked portion of the counter is incremented to all "1s". Port Counter Wrap Input. After the burst counter reaches the maximum count, if WRP is low, the unmasked counter bits will be set to 0. If high, the counter will be loaded with the value stored in the mirror register. Port Counter Retransmit Input. Counter control input. Flow-Through Select. Use this pin to select Flow-Through mode. When is de-asserted, the device is in pipelined mode. Port External High-Speed IO Reference Input. Port IO Power Supply. Reserved pins for future features. Master Reset Input. MRST is an asynchronous input signal and affects both ports. A master reset operation is required at power-up. JTAG Reset Input. TRST[2,5] Document #: 38-06069 Rev. *I Page 4 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Pin Definitions (continued) Left Port TMS TDI TCK TDO VSS VCORE[11] VTTL Master Reset The FLEx72 family devices undergo a complete reset by taking the MRST input LOW. MRST input can switch asynchronously to the clocks. MRST initializes the internal burst counters to zero, and the counter mask registers to all ones (completely unmasked). MRST also forces the mailbox interrupt (INT) flags and the Counter Interrupt (CNTINT) flags HIGH. MRST must be performed on the FLEx72 family devices after power-up. Mailbox Interrupts The upper two memory locations may be used for message passing and permit communications between ports. Table 2 shows the interrupt operation for both ports using 18 Mbit device as an example. The highest memory location, 3FFFF is the mailbox for the right port and 3FFFE is the mailbox for the left port. Table 2.shows that in order to set the INTR flag, a Table 2. Interrupt Operation Example [1, 12, 13, 14] Left Port Function Set Right INTR Flag Reset Right INTR Flag Set Left INTL Flag Reset Left INTL Flag R/WL L X X H CEL L X X L A0L-17L 3FFFF X X 3FFFE INTL X X L H R/WR X H L X X L L X Right Port CER A0R-17R X 3FFFF 3FFFE X INTR L H X X Right Port Description JTAG Test Mode Select Input. It controls the advance of JTAG TAP state machine. State machine transitions occur on the rising edge of TCK. JTAG Test Data Input. Data on the TDI input will be shifted serially into selected registers. JTAG Test Clock Input. JTAG Test Data Output. TDO transitions occur on the falling edge of TCK. TDO is normally three-stated except when captured data is shifted out of the JTAG TAP. Ground Inputs. Core Power Supply. LVTTL Power Supply. write operation by the left port to address 3FFFF will assert INTR LOW. At least one byte has to be active for a write to generate an interrupt. A valid Read of the 3FFFF location by the right port will reset INTR HIGH. At least one byte has to be active in order for a read to reset the interrupt. When one port writes to the other port's mailbox, the INT of the port that the mailbox belongs to is asserted LOW. The INT is reset when the owner (port) of the mailbox reads the contents of the mailbox. The interrupt flag is set in a flow-thru mode (i.e., it follows the clock edge of the writing port). Also, the flag is reset in a flow-thru mode (i.e., it follows the clock edge of the reading port) Each port can read the other port's mailbox without resetting the interrupt. And each port can write to its own mailbox without setting the interrupt. If an application does not require message passing, INT pins should be left open. Notes: 11. This family of Dual-Ports does not use VCORE, and these pins are internally NC. The next generation Dual-Port family, the FLEx72-ETM, will use VCORE of 1.5V or 1.8V. Please contact local Cypress FAE for more information. 12. CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single Read operation, CE only needs to be asserted once at the rising edge of the CLK and can be deasserted after that. Data will be out after the following CLK edge and will be three-stated after the next CLK edge. 13. OE is "Don't Care" for mailbox operation. 14. At least one of BE0 or BE7 must be LOW. Document #: 38-06069 Rev. *I Page 5 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Table 3. Address Counter and Counter Mask Register Control Operation (Any Port) [15,16] CLK X MRST CNT/MSK CNTRST ADS CNTEN L H H H H H H H H H X H H H H H L L L L X L H H H H L H H H X X L L H H X L L H X X L H L H X L H X Operation Master Reset Counter Reset Counter Load Description Reset address counter to all 0s and mask register to all 1s Reset counter unmasked portion to all 0s Load counter with external address value presented on address lines Counter Readback Read out counter internal value on address lines Counter Increment Internally increment address counter value Counter Hold Mask Reset Mask Load Mask Readback Reserved Constantly hold the address value for multiple clock cycles Reset mask register to all 1s Load mask register with value presented on the address lines Read out mask register value on address lines Operation undefined asynchronous. All the other control signals in Table 3 (CNT/MSK, CNTRST, ADS, CNTEN) are synchronized to the port's CLK. All these counter and mask operations are independent of the port's chip enable inputs (CE0 and CE1). Counter enable (CNTEN) inputs are provided to stall the operation of the address input and utilize the internal address generated by the internal counter for fast, interleaved memory applications. A port's burst counter is loaded when the port's address strobe (ADS) and CNTEN signals are LOW. When the port's CNTEN is asserted and the ADS is deasserted, the address counter will increment on each LOW to HIGH transition of that port's clock signal. This will Read/Write one word from/into each successive address location until CNTEN is deasserted. The counter can address the entire memory array, and will loop back to the start. Counter reset (CNTRST) is used to reset the unmasked portion of the burst counter to 0s. A counter-mask register is used to control the counter wrap. Counter Reset Operation All unmasked bits of the counter and mirror registers are reset to "0." All masked bits remain unchanged. A Mask Reset followed by a Counter Reset will reset the counter and mirror registers to 00000, as will master reset (MRST). Counter Load Operation The address counter and mirror registers are both loaded with the address value presented at the address lines. Address Counter and Mask Register Operations[17] This section describes the features only apply to 4 Mbit and 9 Mbit devices, not to 18 Mbit device. Each port have a programmable burst address counter. The burst counter contains three registers: a counter register, a mask register, and a mirror register. The counter register contains the address used to access the RAM array. It is changed only by the Counter Load, Increment, Counter Reset, and by master reset (MRST) operations. The mask register value affects the Increment and Counter Reset operations by preventing the corresponding bits of the counter register from changing. It also affects the counter interrupt output (CNTINT). The mask register is changed only by the Mask Load and Mask Reset operations, and by the MRST. The mask register defines the counting range of the counter register. It divides the counter register into two regions: zero or more "0s" in the most significant bits define the masked region, one or more "1s" in the least significant bits define the unmasked region. Bit 0 may also be "0," masking the least significant counter bit and causing the counter to increment by two instead of one. The mirror register is used to reload the counter register on increment operations (see "retransmit," below). It always contains the value last loaded into the counter register, and is changed only by the Counter Load, and Counter Reset operations, and by the MRST. Table 3 summarizes the operation of these registers and the required input control signals. The MRST control signal is Notes: 15. X" = "Don't Care," "H" = HIGH, "L" = LOW. 16. Counter operation and mask register operation is independent of chip enables. 17. The CYD04S72V has 16 address bits and a maximum address value of FFFF. The CYD09S72V has 17 address bits and a maximum address value of 1FFFF. The CYD18S72V has 18 address bits and a maximum address value of 3FFFF. Document #: 38-06069 Rev. *I Page 6 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Counter Increment Operation Once the address counter register is initially loaded with an external address, the counter can internally increment the address value, potentially addressing the entire memory array. Only the unmasked bits of the counter register are incremented. The corresponding bit in the mask register must be a "1" for a counter bit to change. The counter register is incremented by 1 if the least significant bit is unmasked, and by 2 if it is masked. If all unmasked bits are "1," the next increment will wrap the counter back to the initially loaded value. If an Increment results in all the unmasked bits of the counter being "1s," a counter interrupt flag (CNTINT) is asserted. The next Increment will return the counter register to its initial value, which was stored in the mirror register. The counter address can instead be forced to loop to 00000 by externally connecting CNTINT to CNTRST.[18] An increment that results in one or more of the unmasked bits of the counter being "0" will de-assert the counter interrupt flag. The example in Figure 2 shows the counter mask register loaded with a mask value of 0003Fh unmasking the first 6 bits with bit "0" as the LSB and bit "16" as the MSB. The maximum value the mask register can be loaded with is 1FFFFh. Setting the mask register to this value allows the counter to access the entire memory space. The address counter is then loaded with an initial value of 8h. The base address bits (in this case, the 6th address through the 16th address) are loaded with an address value but do not increment once the counter is configured for increment operation. The counter address will start at address 8h. The counter will increment its internal address value till it reaches the mask register value of 3Fh. The counter wraps around the memory block to location 8h at the next count. CNTINT is issued when the counter reaches its maximum value. Counter Hold Operation The value of all three registers can be constantly maintained unchanged for an unlimited number of clock cycles. Such operation is useful in applications where wait states are needed, or when address is available a few cycles ahead of data in a shared bus interface. Counter Interrupt The counter interrupt (CNTINT) is asserted LOW when an increment operation results in the unmasked portion of the counter register being all "1s." It is deasserted HIGH when an Increment operation results in any other value. It is also de-asserted by Counter Reset, Counter Load, Mask Reset and Mask Load operations, and by MRST. Counter Readback Operation The internal value of the counter register can be read out on the address lines. Readback is pipelined; the address will be valid tCA2 after the next rising edge of the port's clock. If address readback occurs while the port is enabled (CE0 LOW and CE1 HIGH), the data lines (DQs) will be three-stated. Figure 1 shows a block diagram of the operation. Retransmit Retransmit is a feature that allows the Read of a block of memory more than once without the need to reload the initial address. This eliminates the need for external logic to store and route data. It also reduces the complexity of the system design and saves board space. An internal "mirror register" is used to store the initially loaded address counter value. When the counter unmasked portion reaches its maximum value set by the mask register, it wraps back to the initial value stored in this "mirror register." If the counter is continuously configured in increment mode, it increments again to its maximum value and wraps back to the value initially stored into the "mirror register." Thus, the repeated access of the same data is allowed without the need for any external logic. Mask Reset Operation The mask register is reset to all "1s," which unmasks every bit of the counter. Master reset (MRST) also resets the mask register to all "1s." Mask Load Operation The mask register is loaded with the address value presented at the address lines. Not all values permit correct increment operations. Permitted values are of the form 2n-1 or 2n-2. From the most significant bit to the least significant bit, permitted values have zero or more "0s," one or more "1s," or one "0." Thus 1FFFF, 003FE, and 00001 are permitted values, but 1F0FF, 003FC, and 00000 are not. Mask Readback Operation The internal value of the mask register can be read out on the address lines. Readback is pipelined; the address will be valid tCM2 after the next rising edge of the port's clock. If mask readback occurs while the port is enabled (CE0 LOW and CE1 HIGH), the data lines (DQs) will be three-stated. Figure 1 shows a block diagram of the operation. Counting by Two When the least significant bit of the mask register is "0," the counter increments by two. This may be used to connect the x72 devices as a 144-bit single port SRAM in which the counter of one port counts even addresses and the counter of the other port counts odd addresses. This even-odd address scheme stores one half of the 144-bit data in even memory locations, and the other half in odd memory locations. Note: 18. CNTINT and CNTRST specs are guaranteed by design to operate properly at speed grade operating frequency when tied together. Document #: 38-06069 Rev. *I Page 7 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V CNT/MSK CNTEN ADS CNTRST MRST Decode Logic Bidirectional Address Lines Mask Register Counter/ Address Register Address Decode RAM Array CLK From Address Lines 17 Mirror Load/Increment Counter To Readback and Address Decode 1 From Mask Register 17 Increment Logic Wrap 0 1 0 17 From Mask From Counter 17 17 17 Bit 0 +1 1 +2 0 1 0 17 To Counter Wrap Detect Wrap Figure 1. Counter, Mask, and Mirror Logic Block Diagram[1] Document #: 38-06069 Rev. *I Page 8 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V CNTINT H 00 216 215 Masked Address Load Address Counter = 8 H XX 216 215 Max Address Register Max + 1 Address Register L XX 216 215 H XX 216 215 Xs Xs Xs 0s 011 1 1 1 1 Mask Register bit-0 Example: Load Counter-Mask Register = 3F 26 25 24 23 22 21 20 Unmasked Address X00 1 0 0 0 26 25 24 23 22 21 20 X11 1 11 1 Address Counter bit-0 26 25 24 23 22 21 20 X0 0 1 00 0 26 25 24 23 22 21 20 Figure 2. Programmable Counter-Mask Register Operation[1, 19] IEEE 1149.1 Serial Boundary Scan (JTAG)[20] The FLEx72 incorporates an IEEE 1149.1 serial boundary scan test access port (TAP). The TAP controller functions in a manner that does not conflict with the operation of other devices using 1149.1-compliant TAPs. The TAP operates using JEDEC-standard 3.3V I/O logic levels. It is composed of three input connections and one output connection required by the test logic defined by the standard. Performing a TAP Reset A reset is performed by forcing TMS HIGH (VDD) for five rising edges of TCK. This reset does not affect the operation of the FLEx72 family and may be performed while the device is operating. An MRST must be performed on the FLEx72 after power-up. Performing a Pause/Restart When a SHIFT-DR PAUSE-DR SHIFT-DR is performed the scan chain will output the next bit in the chain twice. For example, if the value expected from the chain is 1010101, the device will output a 11010101. This extra bit will cause some testers to report an erroneous failure for the FLEx72 in a scan test. Therefore the tester should be configured to never enter the PAUSE-DR state. Boundary Scan Hierarchy for FLEx72 Family Internally, the CYD04S72V and CYD09S72V have two DIEs while CYD18S72V have four DIEs. Each DIE contains all the circuitry required to support boundary scan testing. The circuitry includes the TAP, TAP controller, instruction register, and data registers. The circuity and operation of the DIE boundary scan are described in detail below. The scan chain of each DIE is connected serially to form the scan chain of the FLEx72 family as shown in Figure 3. TMS and TCK are connected in parallel to each DIE to drive all 4 TAP controllers in unison. In many cases, each DIE will be supplied with the same instruction. In other cases, it might be useful to supply different instructions to each DIE. One example would be testing the device ID of one DIE while bypassing the others. Each pin of FLEx72 family is typically connected to multiple DIEs. For connectivity testing with the EXTEST instruction, it is desirable to check the internal connections between DIEs as well as the external connections to the package. This can be accomplished by merging the netlist of the devices with the netlist of the user's circuit board. To facilitate boundary scan testing of the devices, Cypress provides the BSDL file for each DIE, the internal netlist of the device, and a description of the device scan chain. The user can use these materials to easily integrate the devices into the board's boundary scan environment. Further information can be found in the Cypress application note Using JTAG Boundary Scan For System In a Package (SIP) Dual-Port SRAMs. Notes: 19. The "X" in this diagram represents the counter upper bits. 20. Boundary scan is IEEE 1149.1-compatible. See "Performing a Pause/Restart" for deviation from strict 1149.1 compliance. Document #: 38-06069 Rev. *I Page 9 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V 18 Mbit TDO D2 TDI TDO D4 TDI TDO 4 Mbit/9 Mbit TDO TDO D2 TDI TDO D1 TDI TDI TDO D3 TDI TDI TDO D1 TDI Figure 3. Scan Chain Table 4. Identification Register Definitions Instruction Field Revision Number(31:28) Cypress Device(27:12) Value 0h C002h C001h Cypress JDEC ID(11:1) ID Register Presence (0) Table 5. Scan Registers Sizes Register Name Instruction Bypass Identification Boundary Scan Table 6. Instruction Identification Codes Instruction EXTEST BYPASS IDCODE HIGHZ CLAMP SAMPLE/PRELOAD NBSRST RESERVED 0000 1111 1011 0111 0100 1000 1100 All other codes Code Description Captures the Input/Output ring contents. Places the BSR between the TDI and TDO Places the BYR between TDI and TDO Loads the IDR with the vendor ID code and places the register between TDI and TDO Places BYR between TDI and TDO. Forces all FLEx72 output drivers to a High-Z state Controls boundary to 1/0. Places BYR between TDI and TDO Captures the input/output ring contents. Places BSR between TDI and TDO Resets the non-boundary scan logic. Places BYR between TDI and TDO Other combinations are reserved. Do not use other than the above Bit Size 4 1 32 n[21] 034h 1 Description Reserved for version number Defines Cypress DIE number for CYD18S72V and CYD09S72V Defines Cypress DIE number for CYD04S72V Allows unique identification of FLEx72 family device vendor Indicates the presence of an ID register Note: 21. See details in the device BSDL files. Document #: 38-06069 Rev. *I Page 10 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Maximum Ratings[22] (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................ -65C to + 150C Ambient Temperature with Power Applied............................................ -55C to + 125C Supply Voltage to Ground Potential .............. -0.5V to + 4.6V DC Voltage Applied to Outputs in High-Z State..........................-0.5V to VDD + 0.5V DC Input Voltage...............................-0.5V to VDD + 0.5V[23] Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage........................................... > 2000V (JEDEC JESD22-A114-2000B) Latch-up Current..................................................... > 200 mA Operating Range Range Commercial Industrial Ambient Temperature 0C to +70C VDD VCORE[11] 3.3V 165 mV 1.8V 100 mV -40C to +85C 3.3V 165 mV 1.8V 100mV Electrical Characteristics Over the Operating Range -167 Parameter VOH VOL VIH VIL IOZ IIX1 IIX2 ICC Description Part No. Min. 2.4 0.4 2.0 0.8 -10 -10 -0.1 225 406 90 105 160 266 55 10 10 1.0 300 580 115 150 210 380 75 -10 -10 -0.1 225 350 410 90 105 160 266 55 2.0 0.8 10 10 1.0 300 500 580 115 150 210 380 75 mA mA 315 450 mA mA -10 -10 -0.1 Typ Max Min. 2.4 0.4 2.0 0.8 10 10 1.0 Output HIGH Voltage (VDD = Min., IOH = -4.0 mA) Output LOW Voltage (VDD = Min., IOL= +4.0 mA) Input HIGH Voltage Input LOW Voltage Output Leakage Current Input Leakage Current Except TDI, TMS, MRST Input Leakage Current TDI, TMS, MRST Operating Current CYD04S72V (VDD = Max.,IOUT = 0 mA), CYD09S72V Outputs Disabled CYD18S72V Standby Current CYD04S72V (Both Ports TTL Level) CYD09S72V CEL and CER VIH, f = fMAX Standby Current (One Port TTL Level) CEL | CER VIH, f = fMAX CYD04S72V CYD09S72V -133 Typ Max Min. 2.4 0.4 -100 Typ Max Unit V V V V A A mA mA ISB1 ISB2 ISB3 CYD04S72V Standby Current (Both CYD09S72V Ports CMOS Level) CEL and CER VDD - 0.2V, f = 0 Standby Current (One Port CMOS Level) CEL | CER VIH, f = fMAX CYD04S72V CYD09S72V ISB4 160 224 210 320 160 224 210 320 75 75 mA ISB5 ICORE[11] Operating Current (VDDIO CYD18S72V = Max, Iout = 0 mA, f = 0) Outputs Disabled Core Operating Current for (VDD = Max., IOUT = 0 mA), Outputs Disabled 0 0 0 mA 0 0 0 mA Notes: 22. The voltage on any input or I/O pin can not exceed the power pin during power-up. 23. Pulse width < 20 ns. Document #: 38-06069 Rev. *I Page 11 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Capacitance[24] Part# CYD04S72V CYD09S72V CYD18S72V Parameter CIN COUT CIN COUT Description Input Capacitance Output Capacitance Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V Max 20 10 [25] Unit pF pF pF pF 40 20 AC Test Load and Waveforms 3.3V Z0 = 50 OUTPUT C = 10 pF VTH = 1.5V OUTPUT C = 5 pF R2 = 435 R = 50 R1 = 590 (a) Normal Load (Load 1) 3.0V ALL INPUT PULSES Vss < 2 ns 90% 10% (b) Three-state Delay (Load 2) 90% 10% < 2 ns Switching Characteristics Over the Operating Range -167 CYD04S72V CYD09S72V Parameter fMAX2 tCYC2 tCH2 tCL2 tR [26] -133 CYD04S72V CYD09S72V Min. 7.5 3.0 3.0 2.0 2.0 2.0 2.0 2.5 0.6 2.5 0.6 2.5 0.6 2.5 0.6 2.5 0.6 2.5 2.2 1.0 2.2 1.0 NA NA 2.2 1.0 2.2 1.0 NA Max 133 7.5 3.4 3.4 2.0 2.0 2.7 1.0 2.7 1.0 NA NA 2.7 1.0 2.7 1.0 NA CYD18S72V Min. Max 133 10 4.5 4.5 -100 CYD18S72V Min. Max 100 Unit MHz ns ns ns 3.0 3.0 ns ns ns ns ns ns ns ns ns ns ns ns ns Description Maximum Operating Frequency Clock Cycle Time Clock HIGH Time Clock LOW Time Clock Rise Time Clock Fall Time Address Set-up Time Address Hold Time Byte Select Set-up Time Byte Select Hold Time Chip Enable Set-up Time Chip Enable Hold Time R/W Set-up Time R/W Hold Time Input Data Set-up Time Input Data Hold Time ADS Set-up Time Min. 6.0 2.7 2.7 Max 167 tF[26] tSA tHA tSB tHB tSC tHC tSW tHW tSD tHD tSAD 2.3 0.6 2.3 0.6 2.3 0.6 2.3 0.6 2.3 0.6 2.3 Notes: 24. COUT also references CI/O. 25. Except INT and CNTINT which are 20 pF. 26. Except JTAG signal (tR and tF < 10 ns max). Document #: 38-06069 Rev. *I Page 12 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Characteristics Over the Operating Range (continued) -167 CYD04S72V CYD09S72V Parameter tHAD tSCN tHCN tSRST tHRST tSCM tHCM tOE tOLZ[27, 28] tOHZ[27, 28] tCD2 tCA2 tCM2 tDC tCKHZ[27, 28] tCKLZ[27, 28] tSINT tRINT tSCINT tRCINT tCCS tRS tRSS tRSR tRSF tRSCNTINT Description ADS Hold Time CNTEN Set-up Time CNTEN Hold Time CNTRST Set-up Time CNTRST Hold Time CNT/MSK Set-up Time CNT/MSK Hold Time Output Enable to Data Valid OE to Low Z OE to High Z Clock to Data Valid Clock to Counter Address Valid Clock to Mask Register Readback Valid Data Output Hold After Clock HIGH Clock HIGH to Output High Z Clock HIGH to Output Low Z Clock to INT Set Time Clock to INT Reset Time Clock to CNTINT Set Time Clock to CNTINT Reset time Clock to Clock Skew Master Reset Pulse Width Master Reset Set-up Time Master Reset Recovery Time Master Reset to Outputs Inactive Master Reset to Counter Interrupt Flag Reset Time 1.0 0 1.0 0.5 0.5 0.5 0.5 5.2 5.0 6.0 5.0 10.0 10.0 4.0 4.0 6.7 6.7 5.0 5.0 0 0 4.0 4.0 4.0 4.0 1.0 0 1.0 0.5 0.5 0.5 0.5 6.0 5.0 6.0 5.0 10.0 10.0 4.4 4.4 7.5 7.5 5.7 5.7 Min. 0.6 2.3 0.6 2.3 0.6 2.3 0.6 4.0 0 0 4.4 4.4 4.4 4.4 1.0 0 1.0 0.5 0.5 NA NA 5.7 5.0 6.0 5.0 10.0 NA 4.7 4.7 7.5 7.5 NA NA Max -133 CYD04S72V CYD09S72V Min. 0.6 2.5 0.6 2.5 0.6 2.5 0.6 4.4 0 0 5.5 5.0 NA NA 1.0 0 1.0 0.5 0.5 NA NA 8.0 5.0 8.5 5.0 10.0 NA 5.0 5.0 10 10 NA NA Max CYD18S72V Min. NA NA NA NA NA NA NA 5.5 0 0 5.5 5.2 NA NA Max -100 CYD18S72V Min. NA NA NA NA NA NA NA 5.5 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns cycles ns cycles ns ns Port to Port Delays Master Reset Timing Notes: 27. This parameter is guaranteed by design, but is not production tested. 28. Test conditions used are Load 2. Document #: 38-06069 Rev. *I Page 13 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V JTAG Timing Characteristics CYD04S72V CYD09S72V CYD18S72V -167/-133/-100 Parameter fJTAG tTCYC tTH tTL tTMSS tTMSH tTDIS tTDIH tTDOV tTDOX TCK Clock Cycle Time TCK Clock HIGH Time TCK Clock LOW Time TMS Set-up to TCK Clock Rise TMS Hold After TCK Clock Rise TDI Set-up to TCK Clock Rise TDI Hold After TCK Clock Rise TCK Clock LOW to TDO Valid TCK Clock LOW to TDO Invalid 0 Description Maximum JTAG TAP Controller Frequency 100 40 40 10 10 10 10 30 Min. Max 10 Unit MHz ns ns ns ns ns ns ns ns ns Switching Waveforms tTH Test Clock TCK Test Mode Select TMS tTDIS Test Data-In TDI Test Data-Out TDO tTDIH tTL tTMSS tTCYC tTMSH tTDOX tTDOV Document #: 38-06069 Rev. *I Page 14 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Master Reset MRST ALL ADDRESS/ DATA LINES ALL OTHER INPUTS TMS CNTINT INT TDO tRSF tRSS tRSR ACTIVE tRS INACTIVE Read Cycle[12, 29, 30, 31, 32] tCH2 CLK tCYC2 tCL2 CE tSC tSB BE0-BE7 tHC tHB tSC tHC R/W tSW tSA ADDRESS DATAOUT An 1 Latency tHW tHA An+1 tCD2 Qn tCKLZ OE tOE Notes: 29. OE is asynchronously controlled; all other inputs (excluding MRST and JTAG) are synchronous to the rising clock edge. 30. ADS = CNTEN = LOW, and MRST = CNTRST = CNT/MSK = HIGH. 31. The output is disabled (high-impedance state) by CE = VIH following the next rising edge of the clock. 32. Addresses do not have to be accessed sequentially since ADS = CNTEN = VIL with CNT/MSK = VIH constantly loads the address on the rising edge of the CLK. Numbers are for reference only. An+2 tDC Qn+1 tOHZ An+3 Qn+2 tOLZ Document #: 38-06069 Rev. *I Page 15 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Bank Select Read[33, 34] tCH2 CLK tSA ADDRESS(B1) tSC CE(B1) tCD2 DATAOUT(B1) tSA ADDRESS(B2) A0 tHA A1 tSC CE(B2) tSC DATAOUT(B2) tCKLZ tHC tCD2 Q2 tCKLZ tCKHZ tCD2 Q4 tSC Q0 tDC A2 tHC tHC tCD2 Q1 tDC A3 A4 tCKLZ A5 tCKHZ tCD2 Q3 tCKHZ A0 tHC tHA A1 A2 A3 A4 A5 tCYC2 tCL2 Read-to-Write-to-Read (OE = LOW)[32, 35, 36, 37, 38] tCH2 tCYC2tCL2 CLK CE tSC tHC tSW R/W tSW ADDRESS tSA DATAIN An tHA tCD2 Qn READ tDC tHW An+1 An+2 tHW An+2 An+2 tSD tHD An+3 tCKHZ Dn+2 DATAOUT NO OPERATION WRITE Notes: 33. In this depth-expansion example, B1 represents Bank #1 and B2 is Bank #2; each bank consists of one Cypress FLEx72 device from this data sheet. ADDRESS(B1) = ADDRESS(B2). 34. ADS = CNTEN = BE0 - BE7 = OE = LOW; MRST = CNTRST = CNT/MSK = HIGH. 35. Output state (HIGH, LOW, or high-impedance) is determined by the previous cycle control signals. 36. During "No Operation," data in memory at the selected address may be corrupted and should be rewritten to ensure data integrity. 37. CE0 = OE = BE0 - BE7 = LOW; CE1 = R/W = CNTRST = MRST = HIGH. 38. CE0 = BE0 - BE7 = R/W = LOW; CE1 = CNTRST = MRST = CNT/MSK = HIGH. When R/W first switches low, since OE = LOW, the Write operation cannot be completed (labelled as no operation). One clock cycle is required to three-state the I/O for the Write operation on the next rising edge of CLK. Document #: 38-06069 Rev. *I Page 16 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Read-to-Write-to-Read (OE Controlled)[32, 35, 37, 38] tCH2 CLK tCYC2 tCL2 CE tSC tHC tSW tHW R/W tSW An tSA tHW An+1 tHA tCD2 An+2 tSD tHD Dn+2 Dn+3 tCD2 Qn tOHZ Qn+4 An+3 An+4 An+5 ADDRESS DATAIN DATAOUT OE READ WRITE READ Read with Address Counter tCH2 CLK tSA ADDRESS tSAD ADS An Advance[37] tCYC2 tCL2 tHA tHAD tSAD tHAD CNTEN tSCN DATAOUT Qx-1 READ EXTERNAL ADDRESS tHCN Qx tDC tCD2 Qn READ WITH COUNTER tSCN Qn+1 COUNTER HOLD tHCN Qn+2 READ WITH COUNTER Qn+3 Document #: 38-06069 Rev. *I Page 17 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Write with Address Counter Advance [38] tCH2 CLK tSA ADDRESS An tHA tCYC2 tCL2 INTERNAL ADDRESS tSAD ADS tHAD An An+1 An+2 An+3 An+4 CNTEN tSCN DATAIN tSD Dn tHD WRITE EXTERNAL ADDRESS tHCN Dn+1 WRITE WITH COUNTER Dn+1 Dn+2 Dn+3 Dn+4 WRITE COUNTER HOLD WRITE WITH COUNTER Document #: 38-06069 Rev. *I Page 18 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Counter Reset [39, 40] tCYC2 tCH2 tCL2 CLK tSA ADDRESS INTERNAL ADDRESS An Ax tSW R/W tHW 0 1 An tHA Am Am Ap Ap ADS CNTEN tSRST tHRST CNTRST tSD DATAIN tHD D0 tCD2 Q0 tCKLZ READ ADDRESS 0 tCD2 Q1 Qn [52] DATAOUT COUNTER RESET WRITE ADDRESS 0 READ ADDRESS 1 READ ADDRESS An READ ADDRESS Am Notes: 39. CE0 = BE0 - BE7 = LOW; CE1 = MRST = CNT/MSK = HIGH. 40. No dead cycle exists during counter reset. A Read or Write cycle may be coincidental with the counter reset. Document #: 38-06069 Rev. *I Page 19 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Readback State of Address Counter or Mask Register[41, 42, 43, 44] tCYC2 tCH2 tCL2 CLK tSA tHA EXTERNAL ADDRESS A0-A17 INTERNAL ADDRESS tSAD tHAD ADS tSCN tHCN CNTEN tCD2 DATAOUT Qx-2 Qx-1 tCKHZ Qn tCKLZ Qn+1 Qn+2 Qn+3 An tCA2 or tCM2 An* An An+1 An+2 An+3 An+4 LOAD EXTERNAL ADDRESS READBACK COUNTER INTERNAL ADDRESS INCREMENT Notes: 41. CE0 = OE = BE0 - BE7 = LOW; CE1 = R/W = CNTRST = MRST = HIGH. 42. Address in output mode. Host must not be driving address bus after tCKLZ in next clock cycle. 43. Address in input mode. Host can drive address bus after tCKHZ. 44. An * is the internal value of the address counter (or the mask register depending on the CNT/MSK level) being Read out on the address lines. Document #: 38-06069 Rev. *I Page 20 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Left_Port (L_Port) Write to Right_Port (R_Port) Read[45, 46, 47] tCH2 CLKL tSA L_PORT ADDRESS tSW R/WL tCKHZ tSD Dn tCYC2 tCL2 tCH2 tSA An tHA tCCS tHD An tHW tHA tCYC2 tCL2 L_PORT DATAIN tCKLZ CLKR R_PORT ADDRESS R/WR tCD2 R_PORT DATAOUT tDC Qn Notes: 45. CE0 = OE = ADS = CNTEN = BE0 - BE7 = LOW; CE1 = CNTRST = MRST = CNT/MSK = HIGH. 46. This timing is valid when one port is writing, and other port is reading the same location at the same time. If tCCS is violated, indeterminate data will be Read out. 47. If tCCS < minimum specified value, then R_Port will Read the most recent data (written by L_Port) only (2 * tCYC2 + tCD2) after the rising edge of R_Port's clock. If tCCS > minimum specified value, then R_Port will Read the most recent data (written by L_Port) (tCYC2 + tCD2) after the rising edge of R_Port's clock. Document #: 38-06069 Rev. *I Page 21 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Switching Waveforms (continued) Counter Interrupt and Retransmit[48, 49, 50, 51, 52] tCH2 CLK tSCM CNT/MSK tHCM tCYC2 tCL2 ADS CNTEN COUNTER INTERNAL ADDRESS CNTINT 1FFFC 1FFFD 1FFFE tSCINT 1FFFF tRCINT Last_Loaded Last_Loaded +1 Mailbox Interrupt Timing[53, 54, 55, 56, 57] tCH2 CLKL tSA L_PORT ADDRESS INTR tCYC2 tCL2 tHA An tSINT tRINT An+1 An+2 An+3 tCYC2 tCL2 3FFFF tCH2 CLKR tSA R_PORT ADDRESS Am tHA Am+1 3FFFF Am+3 Am+4 Notes: 48. CE0 = OE = BE0 - BE7 = LOW; CE1 = R/W = CNTRST = MRST = HIGH. 49. CNTINT is always driven. 50. CNTINT goes LOW when the unmasked portion of the address counter is incremented to the maximum value. 51. The mask register assumed to have the value of 1FFFFh. 52. Retransmit happens if the counter remains in increment mode after it wraps to initially loaded value. 53. CE0 = OE = ADS = CNTEN = LOW; CE1 = CNTRST = MRST = CNT/MSK = HIGH. 54. Address "1FFFF" is the mailbox location for R_Port. 55. L_Port is configured for Write operation, and R_Port is configured for Read operation. 56. At least one byte enable (B0 - B3) is required to be active during interrupt operations. 57. Interrupt flag is set with respect to the rising edge of the Write clock, and is reset with respect to the rising edge of the Read clock. Document #: 38-06069 Rev. *I Page 22 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Table 7. Read/Write and Enable Operation (Any Port) [1, 15, 58, 59, 60] Inputs OE X X X L H X CLK CE0 H X L L L CE1 X L H H H R/W X X L H X Outputs DQ0 - DQ71 High-Z High-Z DIN DOUT High-Z Operation Deselected Deselected Write Read Outputs Disabled Ordering Information 256K x 72 (18-Mbit) 3.3V Synchronous CYD18S72V Dual-Port SRAM Speed (MHz) 133 Ordering Code CYD18S72V-133BBC CYD18S72V-133BBXC CYD18S72V-133BBI 100 CYD18S72V-100BBC CYD18S72V-100BBXC CYD18S72V-100BBI CYD18S72V-100BBXI Package Name BB484 BB484 BB484 BB484 BB484 BB484 BB484 Package Type Operating Range 484-ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Pb-Free Ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Industrial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Pb-Free Ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Industrial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Pb-Free Ball Grid Array Industrial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Industrial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Commercial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 484-ball Grid Array Industrial 23 mm x 23 mm with 1.0-mm pitch (FBGA) 128K x 72 (9-Mbit) 3.3V Synchronous CYD09S72V Dual-Port SRAM 167 133 CYD09S72V-167BBC CYD09S72V-133BBC CYD09S72V-133BBI BB484 BB484 BB484 64K x 72 (4-Mbit) 3.3 Synchronous CYD04S72V Dual-Port SRAM 167 133 CYD04S72V-167BBC CYD04S72V-133BBC CYD04S72V-133BBI BB484 BB484 BB484 Notes: 58. OE is an asynchronous input signal. 59. When CE changes state, deselection and Read happen after one cycle of latency. 60. CE0 = OE = LOW; CE1 = R/W = HIGH. Document #: 38-06069 Rev. *I Page 23 of 25 [+] Feedback CYD04S72V CYD09S72V CYD18S72V Package Diagram 484-ball FBGA (23 mm x 23 mm x 1.6 mm) BB484 51-85124-*E FLEx72 and FLEx72-E are trademarks of Cypress Semiconductor Corporation. All product and company names mentioned in this document are the trademarks of their respective holders. Document #: 38-06069 Rev. *I Page 24 of 25 (c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. [+] Feedback CYD04S72V CYD09S72V CYD18S72V Document History Page Document Title: FLEx72TM 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM Document Number: 38-06069 REV. ** *A ECN NO. 125859 128707 Issue Date 06/17/03 08/01/03 Orig. of Change SPN SPN Description of Change New Data Sheet Added -133 speed bin Updated spec values for ICC, tHA, tHB, tHW, tHD Added new parameter ICC1 Added bank select read and read to write to read (OE=low) timing diagrams Updated spec values for tOE, tOHZ, tCH2, tCL2, tHA, tHB, tHW, tHD, ICC, ISB5, tSA, tSB,tSW,tSD, tCD2 Updated read to write (OE=low) timing diagram Updated Master Reset values for tRS, tRSR, tRSF Updated pinout Updated VCORE voltage range Updated package diagram Updated tCD2 value on first page Removed Preliminary status Added 4 Mbit and 9 Mbit x72 devices into the data sheet with updated pinout, pin description table, power table, and timing table Changed title Added Preliminary status to reflect the addition of 4 Mbit and 9 Mbit devices Removed FLEx72-E from the document Added counter related functions for 4 Mbit and 9 Mbit Removed standard JTAG description Updated block diagram Updated pinout with FTSEL and one more PORTSTD pins per port Updated tRSF of CYD18S72V value Change pinout D15 from REV[2,4] to VSS to reflect SC pin removal Changed pinout K3 from NC to NC[2,5] Changed pinout K20 from NC to NC[2,5] Changed pinout D15 from VSS to NC Changed pinout D8 and M3 from REVL[2,4] to VSS Changed pinout M20 and W15 from REVR[2,4] to VSS VREF Pin Definition Updated Added Pb-Free Part Ordering Informations Added note for VCORE Changed notes for PORTSTD to VSS Changed ICC, ISB1, ISB2 and ISB4 number for CYD09S72V per PE request Changed CYDxxS72AV to CYDxxS72V (rev. A not implemented) *B 128997 09/18/03 SPN *C 129936 09/30/03 SPN *D 233830 See ECN WWZ *E *F 288892 327355 See ECN See ECN WWZ AEQ *G *H 345735 360316 See ECN See ECN PCX YDT *I 460454 See ECN YDT Document #: 38-06069 Rev. *I Page 25 of 25 [+] Feedback |
Price & Availability of CYD18S72V-100BBC |